Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download BLM15AG102AN1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2010.3.4 noise suppression products/emi suppression filters > emifil r (inductor type) > chip ferrite bead 0.5 0.05 0.5 0.05 1.0 0.05 0.25 0.1 (in mm) : electrode (resistance element becomes dominant at high frequencies.) emifil r (inductor type) chip ferrite bead blm15ag_an series gold plating (0402 size)  dimensions  equivalent circuit  packaging code packaging minimum quantity d 180mm paper tape 10000 j 330mm paper tape 50000 b bulk(bag) 1000  rated value ( p : packaging code) part number impedance (at 100mhz/20 c) impedance (at 1ghz/20 c) rated current dc resistance (max.) operating temperature range blm15ag601an1 p 600ohm 25% - 300ma 0.6ohm -55 to +125 c blm15ag102an1 p 1000ohm 25% - 200ma 1.0ohm -55 to +125 c impedance ( ? ) frequency (mhz) 1 10 100 1000 3000 0 1200 900 600 300 blm15ag102sn1 blm15ag601sn1 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 0 200 400 600 800 z x r number of circuits: 1  impedance-frequency characteristics (main items)  impedance-frequency characteristics blm15ag601an1 continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip ferrite bead used for general electronics equipment for your design. 2010.3.4 1 10 100 1000 3000 frequency (mhz) impedance ( ? ) 1200 900 600 300 0 z x r noise suppression products/emi suppression filters > emifil r (inductor type) > chip ferrite bead  impedance-frequency characteristics blm15ag102an1 ! caution (rating) do not use products beyond the rated current as this may create excessive heat and deteriorate the insulation resistance. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of BLM15AG102AN1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X